Part Number Hot Search : 
272V330 DA15L 2045CT CXT2907A D013T 1N4006GL 12V19 272V330
Product Description
Full Text Search
 

To Download BCM2042 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM2042
(R)
SINGLE-CHIP BLUETOOTH(R) MOUSE AND KEYBOARD
FEATURES * Single-chip Bluetooth(R) device with fully integrated Human
Interface Device (HID) profile and full Bluetooth stack * On-board 8051 processor and RAM/ROM memory * Custom-integrated Bluetooth core processor has been optimized to support the HID v1.0 profile and minimize power consumption * Bluetooth version 2.0 compliant including support for adaptive frequency hopping and fast connect * Fully integrated radio eliminates all filters and matching components and features a single-pin interface directly to antenna * Direct interface to keyboard scan matrix with full support for up to 8 x 20 keys and user-customizable hot keys * Integrated quadrature signal decoder to support both ball and optical mouse designs * Direct interface to LED and LCD displays
SUMMARY OF BENEFITS * Cost-optimized solution for mouse and keyboard applications
* Achieves lowest possible cost through the integration of all external components * Direct interface to key scan matrix or ball/optical mouse encoders Replaces existing mouse or keyboard processor and memory and adds Bluetooth functionality Lowest power consumption solution provides greater than sixmonth battery life Adaptive frequency hopping support ensures full interoperability and coexistence with WLAN enabled personal computers Optimized radio provides long-range, interference-free operation in high-interference environments * Transmitter provides +4 dBm output power and satisfies Class 2 operation * Receiver provides -85 dBm receiver sensitivity Single monolithic bulk CMOS device providing low cost and high availability of manufacturing supply
* * * *
* Drive capability to power external optoelectronics * ROM-based design eliminates external flash memories
* Flash option offered to support feature development
*
* Fully integrated low dropout (LDO) regulator provides
direction interface to batteries * Integrated switching regulator to support external sensor and more to further reduce BOM cost * Available in 88-pin fpBGA and 120-pin fpBGA packages
APPLICATIONS * Bluetooth mouse * Remote control HID devices * Bluetooth keyboard * Game controllers * Combination mouse/keyboard
BCM2042 Functional Block Diagram
108 KB ROM 22 KB RAM 20 KB Boot ROM Processing Unit Switching Regulator Battery 2.7V to 3.3V
System Bus RF Control and Data 2.4 GHz Radio Bluetooth Baseband Core GPIO for LEDs, LCD, Power, etc. Keyboard Matrix Scanner 3-Axis Mouse Signal Decoder
RF I/O
T/R Switch
Frequency Synthesizer
Power Management
XTAL
GPIO
Scan Matrix
Quadrature Inputs
OVERVIEW
Power Control for LEDs and Sensors Quad. Sensors LEDs
X-axis
Y-axis
Key Scan Matrix
Scroll
BCM2042
BCM2042
Indicators
Left
CAPS
NUM
SCROLL
Middle/Scroll
Right
BCM2042 Mouse Block Diagram
The BCM2042 is a major breakthrough in the design of low-cost Bluetooth mouse and keyboard devices. The BCM2042 is a true single chip that integrates the entire profile, application, and Bluetooth protocol stack and is fully compliant with the Bluetooth SIG specification for human interface devices. The BCM2042 is fully compliant with the version 2.0 Bluetooth specification, including adaptive frequency hopping and fast connection, which are essential to mouse and keyboard applications in personal computers. Integration is key to achieving the system cost targets of today's PC OEMs. By integrating all components within today's mouse and keyboard into the BCM2042, low system costs can be achieved to approach the price points of legacy-wired mice and keyboards. The BCM2042 can interface directly to mouse optical or ball encoders and keyboard scan matrices. A key component enabling the BCM2042 to reach extremely low system cost is the inclusion of a high-performance boost regulator. This enables direct connect with mouse electronics requiring 3-volt operation without adding expensive external components
BCM2042 Keyboard Block Diagram
The Bluetooth baseband core has been optimized to maximize the battery life and functionality required for a mouse or keyboard application. Battery life has been optimized in the BCM2042 to meet greater than 6 months for the typical user using standard battery technology. The BCM2042 integrates a high-performance radio implemented in standard bulk CMOS. It incorporates a proprietary self-calibrating VCO structure for both excellent phase noise and fast frequency hopping covering the entire band. All filters have been fully integrated into the device and are also self-calibrating to automatically compensate for changes in temperature and any process variation during manufacturing. The RF interface to the device fully integrates the T/R switch and its associates matching circuits, enabling direct interface with the antenna. The block diagrams show how the BCM2042 can be used in either a mouse or keyboard application.
Broadcom(R), the pulse logo, Connecting everything(R), and the Connecting everything logo are among the trademarks of Broadcom Corporation and/or its affiliates in the United States, certain other countries and/ or the EU. Any other trademarks or trade names mentioned are the property of their respective owners. Bluetooth(R) is a trademark owned by Bluetooth SIG.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2006 by BROADCOM CORPORATION. All rights reserved. 2042-PB03-R 11/08/06
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM2042

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X